Part Number Hot Search : 
RB521 UPC1366C HX1838 C122F1 32M16 VCJ509 EG2210A LT1381
Product Description
Full Text Search
 

To Download BCM5788 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NETLINKTM BCM5788(M)
(R)
SINGLE-CHIP 32-BIT PCI GIGABIT CONTROLLER WITH PHY
FEATURES
s
SUMMARY OF BENEFITS * Ultra-low power for notebook designs
* 0.13 CMOS design allows industry's lowest power * Advanced power management * Enables notebook and desktop PC products for all segments * Footprint-compatible with 4401, a 10/100 companion chip * Allows one board layout for both Gigabit and Fast Ethernet applications Power optimized through reduced CPU utilization * * Adaptive interrupts minimizes calls to the PC's CPU * TCP/IP offloads reduce CPU burden significantly * Reduces power consumption of PC processor * Allows use of lower power/performance PC processor * Space savings for LOM * 196-pin HBGA package * No external memory * Integrated power circuitry reduces BOM costs
* Single chip device for both notebook and desktop LAN on
Motherboard (LOM) or Network Interface Card (NIC) applications * Integrated 10/100/1000BASE-T transceiver * 10/100/1000BASE-T triple-speed MAC * PCI v2.2, 32-bit/33-MHz host interface * Advanced power management, ACPI compliance
* Performance features
* TCP, IP, UDP checksum * CPU task offload * Adaptive interrupts * Robust manageability * Wake-on LAN (WOL) * Out-of-box mode WOL * PXE 2.0 remote boot * 3.3V I/Os (5V tolerant)
* JTAG * Industry's smallest 10/100/1000 MAC+PHY solution that is
optimized for notebook and desktop NIC and LOM applications


▲Up To Search▲   

 
Price & Availability of BCM5788

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X